Part Number Hot Search : 
SPC564 1946A AD7533LR 79L08 5DLCA 31023 46S133PF 5STP63
Product Description
Full Text Search
 

To Download Z0103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z0103/07/09 series
Triacs
Rev. 02 -- 12 September 2002 Product data
1. Product profile
1.1 Description
Passivated triacs in conventional and surface mounting packages. Intended for use in applications requiring high bidirectional transient and blocking voltage capability. Available in a range of gate current sensitivities for optimum performance. Product availability: Z0103MA; Z0103NA; Z0107MA; Z0107NA; Z0109MA; Z0109NA in SOT54B Z0103MN; Z0103NN; Z0107MN; Z0107NN; Z0109MN; Z0109NN in SOT223.
1.2 Features
s Blocking voltage to 800 V (NA and NN s 1 A on-state RMS current. types)
1.3 Applications
s Home appliances s Fan controllers s Small motor control s Small loads in industrial process control.
2. Pinning information
Table 1: Pin 1 2 3 1 2 3 4 Pinning - SOT54B (TO-92), SOT223, simplified outline and symbol Description terminal 2 (T2) gate (G) terminal 1 (T1)
1
Simplified outline SOT54B (TO-92)
Symbol
4
T2
2 3
terminal 1 (T1) terminal 2 (T2)
SOT223
G
MSB033
gate (G)
1 2 3
MSB002 - 1
T1
Top view
MBL300
terminal 2 (T2) SOT54B (TO-92)
SOT223
Philips Semiconductors
Z0103/07/09 series
Triacs
3. Ordering information
3.1 Ordering options
Table 2: Z0103MA Z0103NA Z0107MA Z0107NA Z0109MA Z0109NA Z0103MN Z0103NN Z0107MN Z0107NN Z0109MN Z0109NN Ordering information Voltage (VDRM) 600 V 800 V 600 V 800 V 600 V 800 V 600 V 800 V 600 V 800 V 600 V 800 V Gate Sensitivity (IGT) 3 mA 3 mA 5 mA 5 mA 10 mA 10 mA 3 mA 3 mA 5 mA 5 mA 10 mA 10 mA Package SOT54B (TO-92) SOT54B (TO-92) SOT54B (TO-92) SOT54B (TO-92) SOT54B (TO-92) SOT54B (TO-92) SOT223 SOT223 SOT223 SOT223 SOT223 SOT223 Part Number
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDRM repetitive peak off-state voltage Z0103/07/09MA; Z0103/07/09MN Z0103/07/09NA; Z0103/07/09NN VRRM repetitive peak reverse voltage Z0103/07/09MA; Z0103/07/09MN Z0103/07/09NA; Z0103/07/09NN ITSM non-repetitive peak on-state current full sine wave; Tj = 25 C prior to surge; Figure 2 and Figure 3 t = 20 ms t = 16.7 ms IT(RMS) RMS on-state current SOT223 SOT54B (TO-92) I2t dIT/dt IGM PGM PG(AV) Tstg Tj
9397 750 10102
Conditions 25 C Tj 125 C
Min -
Max 600 800 600 800
Unit V V V V
25 C Tj 125 C -
-40 -40
8 8.5 1 1 0.35 20 1.0 2.0 0.1 +150 +125
A A A A A2s A/s A W W C C
2 of 12
all conduction angles; Figure 4 Tsp = 90 C Tlead = 50 C t = 10 ms ITM = 1.0 A; IG = 2 x IGT; dIG/dt = 100 mA/s tp = 20 s over any 20 ms period
I2t
for fusing
rate of rise of on-state current peak gate current peak gate power average gate power storage temperature junction temperature
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
Philips Semiconductors
Z0103/07/09 series
Triacs
1.6 Ptot (W) 1.2
003aaa199
= 180 120 90
10 ITSM (A) 8
003aaa200
6
0.8
60 30 4
0.4 2
0 0 0.4 0.8 IT(RMS) (A) 1.2
0 1 10 102 n 103
= conduction angle
n = number of cycles at f = 50 Hz
Fig 1. Maximum on-state power dissipation as a function of RMS on-state current; typical values.
Fig 2. Maximum permissible non-repetitive peak on-state current as a function of number of cycles for sinusoidal currents; typical values.
102 ITSM (A) 10 IT/t limit
003aaa207
1.2 IT(RMS) (A) 0.8 SOT54B (Tlead)
003aaa201
SOT223 (Tsp)
1
0.4
10-1 10-5 10-4 10-3 ts (s) 10-2
0
0
50
100
150 Tlead, Tsp (C)
Fig 3. Maximum permissible non-repetitive peak on-state current as a function of surge duration for sinusoidal currents; typical values.
Fig 4. Maximum permissible RMS on-state current as a function of lead temperature and solder point temperature; typical values.
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
3 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
5. Thermal characteristics
Table 4: Symbol Rth(j-sp) Rth(j-lead) Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to solder point for SOT223 thermal resistance from junction to lead for SOT54B (TO-92) thermal resistance from junction to ambient SOT223 SOT54B (TO-92) minimum footprint; mounted on a PCB vertical in free air 60 K/W K/W 150 Conditions Figure 5 Figure 5 Min Typ Max Unit 25 60 K/W K/W
5.1 Transient thermal impedance
10 a 1 SOT223 10-1
003aaa206
SOT54B 10-2
10-3
10-4 10-5 10-4 10-3 10-2 10-1 1 10 102 tp (s) 103
Z th ( j - lead ) a = --------------------------- for SOT54B (TO-92) R th ( j - lead ) Z th ( j - sp ) a = ---------------------- for SOT223 R th ( j - sp ) Fig 5. Transient thermal impedance from junction to lead and junction to solder point as a function of pulse duration.
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
4 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol IGT Parameter gate trigger current Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN IL latching current Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN IH holding current Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN VT VGT ID dVD/dt on-state voltage gate trigger voltage off-state leakage current critical rate of rise of off-state voltage Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN dVcom/dt critical rate of change of commutating voltage Z0103MA/MN/NA/NN Z0107MA/MN/NA/NN Z0109MA/MN/NA/NN VD = 400 V; IT = 1 A; Tj = 110 C; dIcom/dt = 0.44 A/ms; gate open 0.5 1 2 V/s V/s V/s Figure 6 VD = 12 V; RL = 30 ; Tj = 25 C; Figure 11 VD = VDRM; RL = 3.3 k; Tj = 125 C; Figure 11 VD = VDRM(max); VR = VRRM(max); Tj = 125 C VD = 0.67 VDRM(max); Tj = 110 C; exponential waveform; gate open; Figure 10 10 20 50 V/s V/s V/s Dynamic characteristics IT = 50 mA; Figure 8 0.2 1.3 7 10 10 1.6 1.3 500 mA mA mA V V V A VD = 12 V; RL = 30 ; T2+ G-; Figure 7 VD = 12 V; RL = 30 ; T2+ G+; T2- G-; T2- G+; Figure 7 Conditions VD = 12 V; RL = 30 ; T2+ G+; T2+ G-; T2- G-; Figure 9 Min Typ Max Unit Static characteristics 3 5 10 5 7 10 7 10 15 15 20 25 mA mA mA mA mA mA mA mA mA mA mA mA
VD = 12 V; RL = 30 ; T2- G+; Figure 9
-
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
5 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
8 IT (A) 6
003aaa202
3 a
003aaa203
125 C typ
2
4
125 C max 25 C max 1
2
0
0 1 2 3
VT (V)
0 -50
0
50
100 Tj (C)
150
IL a = -----------------I
L ( 25 C )
Fig 6. On-state current as a function of on-state voltage; typical and maximum values.
Fig 7. Normalized latching current as a function of junction temperature; typical values.
3 a
003aaa204
4 a 3
003aaa205
T2+ G+ T2+ GT2- G+ T2- G-
2
2
1 1
0 -50
0
50
100 Tj (C)
150
0 -50
0
50
100 Tj (C)
150
IH a = ------------------I
H ( 25 C )
I GT a = ---------------------I
GT ( 25 C )
Fig 8. Normalized holding current as a function of junction temperature; typical values.
Fig 9. Normalized gate trigger current as a function of junction temperature; typical values.
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
6 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
1.6 a 1.2
003aaa208
1.6 a 1.2
003aaa209
0.8
0.8
0.4
0.4
0 0 50 100 Tj (C) 150
0 -50
0
50
100 Tj (C)
150
dV D dt a = ---------------------------------dV D ( 25C ) dt Fig 10. Normalized critical rate of rise of off-state voltage as a function of junction temperature; typical values.
V GT a = -----------------------V
GT ( 25 C )
Fig 11. Normalized gate trigger voltage as a function of junction temperature; typical values.
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
7 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
7. Package outline
Plastic single-ended leaded (through hole) package; 3 leads SOT54B
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.8 4.4 b 0.45 0.36 b1 max 0.48 c 0.43 0.33 D 4.7 4.5 d 1.7 1.4 E 3.7 3.4 e 2.54 e1 1.27 L 15.2 12.7 L1(1) 1.55 1.45
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54B REFERENCES IEC JEDEC TO-92 JEITA EUROPEAN PROJECTION ISSUE DATE 02-01-29
Fig 12. SOT54B (TO-92).
9397 750 10102 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
8 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223
D
B
E
A
X
c y HE b1 vMA
4
Q A A1
1
e1 e
2
bp
3
wM B detail X
Lp
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.8 1.5 A1 0.10 0.01 bp 0.80 0.60 b1 3.1 2.9 c 0.32 0.22 D 6.7 6.3 E 3.7 3.3 e 4.6 e1 2.3 HE 7.3 6.7 Lp 1.1 0.7 Q 0.95 0.85 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT223
REFERENCES IEC JEDEC EIAJ SC-73
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
Fig 13. SOT223.
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
9 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
8. Revision history
Table 6: Rev Date 02 01 20020912 20020411 Revision history CPCN Description Product data; supersedes data of 11 April 2002 Table 5 "Characteristics" Addition of dVcom/dt data. Correction to dVD/dt data Product data; initial version (9397 750 09419)
9397 750 10102
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
10 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
9. Data sheet status
Data sheet status[1] Objective data Preliminary data Product status[2] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] [2]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 10102
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 02 -- 12 September 2002
11 of 12
Philips Semiconductors
Z0103/07/09 series
Triacs
Contents
1 1.1 1.2 1.3 2 3 3.1 4 5 5.1 6 7 8 9 10 11 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2002. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 12 September 2002 Document order number: 9397 750 10102


▲Up To Search▲   

 
Price & Availability of Z0103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X